Part Number Hot Search : 
08400 LTA1000R 1N5245B MC14163B 42LS5620 1502A VI3010 MAX201
Product Description
Full Text Search
 

To Download CPC1117N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.clare.com ds-CPC1117N-r03 1 CPC1117N 4-pin sop optomos ? relay rohs 2002/95/ec e 3 pb part # description CPC1117N 4-pin sop (100/tube) CPC1117Ntr 4-pin sop (2000/reel) parameter rating units blocking voltage 60 v p load current 150 ma max on-resistance 16 led current to operate 1 ma applications features description ordering information pin configuration ? security ? passive infrared detectors (pir) ? data signalling ? sensor circuitry ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? medical equipment?patient/equipment isolation ? aerospace ? industrial controls ? designed for use in security systems complying with en50130-4 ? only 1ma of led current required to operate ? small 4-pin sop package ? ttl/cmos compatible input ? no moving parts ? high reliability ? arc-free with no snubbing circuits ? 1500v rms input/output isolation ? no emi/rfi generation ? immune to radiated em fields ? smd pick & place, wave solderable ? tape & reel version available the CPC1117N is a miniature 1-form-b solid state relay in a 4-pin sop package that employs optically coupled mosfet technology to provide 1500v rms of input/output isolation. the efficient mosfet switches and photovoltaic die use clare?s patented optomos architecture. the optically coupled output is controlled by the input's highly efficient gaalas infrared led using clare?s state of the art double-molded vertical construction packaging to produce one of the world?s smallest relays. the CPC1117N offers board space savings of at least 20% over the competitor?s larger 4-pin sop relay. approvals ? ul recognized component: file # e76270 ? en/iec 60950-1 compliant ? csa certified component: certificate # 1172007 1 2 3 4 + control C control load load switching characteristics of normally closed (form b) devices control 10% 90% + + i load t on t off
www.clare.com 2 CPC1117N r03 absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings parameter ratings units blocking voltage 60 v p reverse input voltage 5 v input control current 50 ma peak (10ms) 1 a input power disipation 70 mw total power dissipation 1 400 mw isolation voltage, input to output 1500 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 3.33 mw / oc electrical absolute maximum ratings are at 25c parameter conditions symbol min typ max units output characteristics @ 25c load current continuous 1 i f =0ma i l - - 150 ma peak t=10ms i lpk - - 350 on-resistance 2 i l =120ma r on -516 off-state leakage current v l =60v, i f =2ma i leak --1a switching speeds turn-on i f =2ma, v l =10v t on --1 ms turn-off t off --2 output capacitance 50v; f=1mhz c out -25 -pf input characteristics @ 25c input control current 3 i l =120ma i f - 0.65 1 ma input dropout current - i f 0.3 0.5 - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r - - 10 a common characteristics @ 25c capacitance input to output - - - 1 - pf 1 load current derates linearly from 150ma @ 25 o c to 100ma @85 o c. 2 measurement taken within 1 second of on time. 3 for applications requiring high temperature operation (greater than 60 o c) an led drive current of 3ma is recommended. electrical characteristics
CPC1117N www.clare.com 3 r03 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. 35 30 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 led forward voltage drop (v) device count (n) CPC1117N typical led forward voltage drop (n=50, t a =25oc, i f =5ma) 35 30 25 20 15 10 5 0 5.0 5.2 5.4 5.6 5.1 5.3 5.5 device count (n) CPC1117N typical on-resistance distribution (n=50, t a =25oc, i l =150ma) on-resistance ( ) 35 30 25 20 15 10 5 0 85 95 105 115 90 100 110 blocking voltage (v p ) device count (n) CPC1117N typical blocking voltage distribution (n=50, t a =25oc, i f =1ma) 0.40 0.50 0.60 0.35 0.45 0.55 0.65 led current (ma) device count (n) 25 20 15 10 5 0 CPC1117N typical i f for switch operation (n=50, t a =25oc, i l =150ma) 25 20 15 10 5 0 0.40 0.50 0.60 0.35 0.45 0.55 0.65 led current (ma) device count (n) CPC1117N typical i f for switch dropout (n=50, t a =25oc, i l =150ma) 0.28 0.32 0.36 0.40 0.30 0.34 0.38 turn-on (ms) device count (n) 25 20 15 10 5 0 CPC1117N typical turn-on time (n=50, t a =25oc, i l =150ma, i f =2ma) 0.30 0.34 0.38 0.42 0.40 0.36 0.32 turn-off (ms) device count (n) 25 20 15 10 5 0 CPC1117N typical turn-off time (n=50, t a =25oc, i l =150ma, i f =2ma) 225 200 175 150 125 100 75 50 25 0 temperature (oc) load current (ma rms ) -40 -20 0 20 40 60 80 120 100 CPC1117N typical load current vs. temperature (i f =0ma) leakage (a) -40 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 -20 0 20 40 60 80 100 temperature (oc) CPC1117N typical leakage vs. temperature measured across pins 3 & 4 (i l =150ma, i f =2ma) blocking voltage (v p ) -40 125 120 115 110 105 100 95 90 -20 0 20 40 60 80 100 temperature (oc) CPC1117N typical blocking voltage vs. temperature (i f =2ma) CPC1117N typical turn-on vs. temperature (i l =50ma) turn-on (ms) -40 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 100 i f =2ma temperature (oc) i f =2ma turn-off (ms) -40 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -20 0 20 40 60 80 100 temperature (oc) CPC1117N typical turn-off vs. temperature (i l =50ma)
www.clare.com 4 CPC1117N r03 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. led forward voltage drop (v) CPC1117N typical led forward voltage drop vs. temperature 1.8 1.6 1.4 1.2 1.0 0.8 -40 -20 0 20 40 60 80 120 100 i f =50 ma i f =30 ma i f =20 ma i f =10 ma i f =5ma temperature (oc) led forward current (ma) time (ms) 0 5 1015202530354045 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 50 CPC1117N typical turn-on vs. led forward current (i l =50ma) led forward current (ma) time (ms) 0 5 1015202530354045 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 50 CPC1117N typical turn-off vs. led forward current (i l =50ma) -40 8 7 6 5 4 3 2 -20 0 20 40 60 80 100 CPC1117N typical on-resistance vs. temperature (i l =150ma, i f =0ma) temperature (oc) on-resistance ( ) led current (ma) -40 1.75 1.50 1.25 1.00 0.75 0.50 0.25 -20 0 20 40 60 80 100 CPC1117N typical i f for switch operation vs. temperature (i l =50ma) temperature (oc) load voltage (v) load current (ma) 150 100 50 0 -50 -100 -150 -1.00 -0.66 -0.33 0 0.33 0.66 1.00 CPC1117N typical load current vs. load voltage (t a =25oc) time load current (a) 10s 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1ms 100s 100ms 1s 10ms 10s 100s CPC1117N energy rating curve
clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publica tion and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clare?s standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products incl uding, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clare?s product may result in direct physical harm, i njury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or make changes to its products at any time without notice. specification: ds-CPC1117N-r03 ?copyright 2008, clare, inc. optomos? is a registered trademark of clare, inc. all rights reserved. printed in usa. 9/16/08 for additional information please visit our website at: www.clare.com 5 CPC1117N mechanical dimensions rohs 2002/95/ec e 3 pb manufacturing information moisture sensitivity clare has characterized the moisture reflow sensitivity of this package, and has determined that this component must be handled in accordance with ipc/jedec standard j-std-033 moisture sensitivity level (msl), level 3 classification. soldering reflow profile for proper assembly, the component must be processed in accordance with the current revision of ipc/jedec standard j-std-020. failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. washing clare does not recommend ultrasonic cleaning or the use of chlorinated solvents. 4-pin sop package recommended pcb land pattern 2.54 (0.10) 5.60 (0.2205) 1.30 (0.0512) 0.60 (0.0217) pin 1 4.089 0.203 (0.161 0.008) 2.54 typ (0.100 typ) 6.096 0.102 (0.240 0.004) 3.810 0.076 (0.150 0.003) 0.432 0.127 (0.017 0.005) 0.200 0.025 (0.008 0.001) 1.02 0.025 (0.040 0.001) dimensions mm (inches) 2.184 max (0.086 max) 0.381 typ. (0.015 typ.) 0.0254 - 0.102 (0.001 - 0.004) embossment embossed carrier 330.2 dia (13.00 dia) to p c o ve r tape thickness 0.102 max (0.004 max) note: tape dimensions not shown comply with jedec standard eia-481-2 tape and reel packaging for 4-pin sop package user direction of feed b 0 =4.70 (0.185) w=12.00 max (0.472 max) p=8.00 (0.315) a 0 =6.50 (0.256) pin 1 k 0 =2.70 (0.106) k 1 =2.30 (0.091) dimensions mm (inches)


▲Up To Search▲   

 
Price & Availability of CPC1117N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X